PART |
Description |
Maker |
JANS6761UR-1 1N5819UR 5819UR-1 6761UR-1 CDLL1A100 |
1A schottky barrier rectifier, 45V 1 AMP SCHOTTKY BARRIER RECTIFIERS 1 A, SILICON, SIGNAL DIODE, DO-213AB Quad Wide-Bandwidth High-Output-Drive Op Amp 20-HTSSOP 0 to 70 Schottky Rectifier
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
153CNQSERIES 153CNQ100 153CNQ080 |
SCHOTTKY RECTIFIER 肖特基整流器 SCHOTTKY RECTIFIER 150 Amp 100V 150A Schottky Common Cathode Diode in a D-60 package
|
International Rectifier, Corp. IRF[International Rectifier]
|
CMSH3-20MA CMSH3-100MA CMSH3-40MA CMSH3-60MA |
SURFACE MOUNT SCHOTTKY BARRIER SILICON RECTIFIER 3.0 AMP, 20 THRU 100 VOLTS SMD Schottky Rectifier Single
|
Central Semiconductor Corp.
|
1N6840 1N6841 |
35 and 45 VOLTS, 10 AMP DUAL SCHOTTKY COMMON CATHODE CENTERTAP RECTIFIER Schottky Rectifier
|
Microsemi Corporation
|
OM4201ST OM4201SR |
HERMETIC TO-257AA DUAL POWER SCHOTTKY RECTIFIER 20A 45V Hi-Rel Schottky Common Cathode Diode in a D2 package 16 Amp, 45 Volt Rating Center-Tap Rectifier
|
ETC[ETC] List of Unclassifed Manufacturers
|
CPD81 |
Chip Form: SILICON SCHOTTKY DIODE Schottky Rectifier 5 Amp Schottky Barrier Rectifier Chip
|
Central Semiconductor Corp
|
SS210 SS210-TP SS22-TP SS25-TP SS28-TP |
Lead Free Finish/Rohs Compliant (Note1) (PSuffix designates Compliant. See ordering information) 2 Amp Schottky Rectifier 20 to 100 Volts 2 Amp Schottky Rectifier 20 to 100 Volts
|
Micro Commercial Components Micro Commercial Compon...
|
245NQ015R 245NQ015 |
SCHOTTKY RECTIFIER 肖特基整流器 SCHOTTKY RECTIFIER 240 Amp
|
International Rectifier, Corp. IRF[International Rectifier]
|
95SQ015 95SQ015TR |
15V 9A Schottky Discrete Diode in a DO-204AR package SCHOTTKY RECTIFIER 9 Amp
|
IRF[International Rectifier]
|
DSB5822 DSB5820 DSB5821 DSB3A20 DSB3A30 1N5822 DSB |
3 AMP SCHOTTKY BARRIER RECTIFIERS Schottky Rectifier 3 AMP SCHOTTKY BARRIER RECTIFIERS 3 A, 30 V, SILICON, RECTIFIER DIODE
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp. MICROSEMI CORP-LAWRENCE
|
MBR3045WT MBR3035WT |
30 Amp Schottky Rectifier(30 A 肖特基整流器) 45V 30A Schottky Common Cathode Diode in a TO-247AC package
|
International Rectifier
|